Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 28Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 29Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 30Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 31Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 32Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 33Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 34Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 35Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Package information
STM8SPLNB1
32/44
DocID018831 Rev 5
5.2.2
SO20W package mechanical data
Figure 15. 20-pin, plastic small outline (300 mils) package
Table 32. 20-pin, plastic small outline (300 mils) mechanical data
Dim.
mm
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits
Min
Typ
Max
Min
Typ
Max
A
2.350
-
2.650
0.0925
-
0.1043
A1
0.100
-
0.300
0.0039
-
0.0118
B
0.330
-
0.510
0.0130
-
0.0201
C
0.230
-
0.320
0.0091
-
0.0126
D
12.600
-
13.000
0.4961
-
0.5118
E
7.400
-
7.600
0.2913
0.2992
e
-
1.270
-
-
0.0500
-
H
10.000
-
10.650
0.3937
-
0.4193
h
0.250
-
0.750
0.0098
-
0.0295
L
0.400
-
1.270
0.0157
-
0.0500
k
0.0°
-
8.0°
0.0°
-
8.0°
-
Tolerance (mm)
Tolerance (inches)
ddd
0.100
0.0039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com