Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 34Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 35Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 36Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 37Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 38Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 39Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 40Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 41Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Ordering information
STM8SPLNB1
38/44
DocID018831 Rev 5
(Please refer to Table 14: STM8SPLNB1 EEPROM parameters in the datasheet for full
descriptions and notes of EEPROM Parameters)
10
SaTCR8 BPF(msb)/Legacy, SaTCR High band (lsb)
FFh
[
h]
11
Applitype
00h
[
h]
12
AppliNum
04h
[
h]
13
High L.O freq Number
04h
[
h]
14
Low L.O freq Number
02h
[
h]
15
SaTCR1 matrix truth table
ACh
[
h]
16
35h
[
h]
17
SaTCR2 matrix truth table
59h
[
h]
18
6Ah
[
h]
19
SaTCR3 matrix truth table
56h
[
h]
1A
9Ah
[
h]
1B
SaTCR4 matrix truth table
95h
[
h]
1C
A6h
[
h]
1D
SaTCR5 matrix truth table
FFh
[
h]
1E
FFh
[
h]
1F
SaTCR6 matrix truth table
FFh
[
h]
20
FFh
[
h]
21
SaTCR7 matrix truth table
FFh
[
h]
22
FFh
[
h]
23
SaTCR8 matrix truth table
FFh
[
h]
24
Legacy matrix
FFh
[
h]
25
SaTCRs GAIN
FFh
[
h]
26
FFh
[
h]
27
SaTCRs number
04h
[
h]
28
I2C addressing mode
00h
[
h]
29
Software version
15h
[
h]
Comments
.....................................................................................................................
Notes
.....................................................................................................................
Date
.....................................................................................................................
Signature
.....................................................................................................................



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com