Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 35Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 36Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 37Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 38Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 39Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 40Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 41Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 42Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
DocID018831 Rev 5
39/44
STM8SPLNB1
DiSEqC™ protocol basics
43
Appendix A
DiSEqC™ protocol basics
For better understanding the document is here small overview of DiSEqC™ protocol (Digital
Satellite Equipment Control).
A.1
Physical layer
The DiSEqC™ message is transferred between master and slave(s) through existing
coaxial cable which delivers also the HF signal. The slave device(s) can be also powered
through the same coaxial cable from master.
A.1.1
DC voltage on coaxial cable
Powering of the slave devices is performed by applying DC voltage on HF signal. The
voltage level should be from 13 V to 18 V. Slave device uses this voltage for powering itself
after some voltage regulator (e.g. +5 V regulator).
The voltage level also signalizes different DiSEqC™ state. There exists 2 states:
13 V voltage level
18 V voltage level
Those states are used in DiSEqC™ protocol signalization - horizontal or vertical polarization
selection.
A.1.2
22 kHz signal on coaxial cable
To the signal on coaxial cable - HF signal and DC voltage - can be modulated 22 kHz signal.
Presence of 22 kHz signal signalizes different state and is used in DiSEqC™ protocol
signalization. Amplitude of 22 kHz signal is around 0.5 Vpp (peak to peak).
22 kHz tone presence selects High frequency band and no tone selects Low frequency
band.
Satellite selection (satellite A or B) is made also according 22 kHz tone. If 22 kHz tone is
transmitted continuously then satellite A is selected. If 22 kHz tone is transmitted in burst
sequence then satellite B is selected (duration of this selection is 12.5 ms).
Figure 19. Timing diagram for Tone Burst control signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com