Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 21Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 22Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 23Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 24Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 25Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 26Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 27Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 28Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
DocID018831 Rev 5
25/44
STM8SPLNB1
Electrical characteristics
43
4.3.4
Reset pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified.
The reset network shown in the following Figure 12. protects the device against parasitic
resets. The user must ensure that the level on the NRST pin can go below the VIL max. level
specified in the Table 26.: RESET pin characteristics. Otherwise the reset is not taken into
account internally.
Figure 12. Recommended reset pin protection
Table 26. RESET pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(RST)
RESET Input low level voltage (1)
1. Data based on characterization results, not tested in production.
-
-0.3 V
0.3 x VDD
V
VIH(RST)
RESET Input high level voltage
(1)
-
0.7 x VDD
VDD + 0.3
RPU(RST) RESET Pull-up resistor (2)
2. The RPU pull-up equivalent resistor is based on a resistive transistor.
-30
55
80
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com