Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 16Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 17Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 18Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 19Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 20Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 21Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 22Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 23Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Configuration parameters
STM8SPLNB1
20/44
DocID018831 Rev 5
Table 18. Local oscillator frequencies
LofreqNum (hex)
Local oscillator frequency
0x00
none
0x01
not known
0x02
9.750 GHz
0x03
10.000 GHz
0x04
10.600 GHz
0x05
10.750 GHz
0x06
11.000 GHz
0x07
11.250 GHz
0x08
11.475 GHz
0x09
20.250 GHz
0x0A
5.150 GHz
0x0B
1.585 GHz
0x0C
13.850 GHz
0x0D
not allocated
0x0E
not allocated
0x0F
not allocated
0x10
not allocated
0x11
10.000 GHz
0x12
10.200 GHz
0x13
13.250 GHz
0x14
13.450 GHz
0x15 - 0x1F
not allocated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com