Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 2Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 3Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 4Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 5Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 6Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 7Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 8Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 9Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Device description
STM8SPLNB1
6/44
DocID018831 Rev 5
1
Device description
1.1
Implementation
STM8SPLNB1 device is receiving DiSEqC signal on the coaxial cable, decoding and
processing the DiSEqC commands. As a result, legacy matrix or I2C lines are controlled.
The STM8SPLNB1 device can also send DiSEqC answer back to master through coaxial
cable.
STM8SPLNB1 is designed for usage with LNB devices with I2C bus control and/or direct
pins control (see Figure 2: STM8SPLNB1 typical configuration). SaTCR1 device is typically
used in LNB application (see www.st.com for more SaTCR1 information).
Behavior of STM8SPLNB1 devices can be modified through a set of configuration
parameters which are stored in device data EEPROM memory. Configuration is done also
through specific DiSEqC commands. After final configuring the device can be locked to
given configuration (vendor configuration).
Figure 2: STM8SPLNB1 typical configuration shows the recommended configuration for the
hardware connections for LNB control with STM8SPLNB1 devices.
Figure 2. STM8SPLNB1 typical configuration
1. Power supply must have level 5V +/- 10% for correct operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com