Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 5Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 6Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 7Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 8Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 9Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 10Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 11Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 12Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
DocID018831 Rev 5
9/44
STM8SPLNB1
STM8SPLNB1 operation
43
2
STM8SPLNB1 operation
STM8SPLNB1 has 8 output pins which can work as 4 I2C master channels. Each I2C
channel can address 2 LNB devices (2 different I2C addresses: 0xC8 and 0xCA) - see
Table 2: SaTCRs implementation - ST7LNB1 compatible mode and Table 3: SaTCRs
implementation - incremental order mode for assignment of given SaTCR to given I2C bus
and address.
Assignment depends from I2C addressing mode EEPROM parameter - see Table 14:
STM8SPLNB1 EEPROM parameters. As a convention, SaTCR1 must be associated to the
BPF having the lowest center frequency of the application, SaTCR2 to the BPF having the
next higher center frequency and so on.
Table 2. SaTCRs implementation - ST7LNB1 compatible mode
SatCR
number
SaTCR(1)
1. Selection of ST7LNB1 compatible mode: pin MODE (see Table 1: STM8SPLNB1 pins description) must be
grounded and I2C addressing mode EEPROM parameter (see Table 14: STM8SPLNB1 EEPROM
parameters) must be set to 0. Otherwise (e.g. pin MODE is left open or I2C addressing mode EEPROM
parameter is set to 1) is used incremental order mode.
SaTCR address
I2C number
0
SaTCR1
0xC8
I2C1
1
SaTCR2
0xCA
2
SaTCR3
0xC8
I2C2
3
SaTCR4
0xCA
4
SaTCR5
0xC8
I2C3
5
SaTCR6
0xCA
6
SaTCR7
0xC8
I2C4
7
SaTCR8/ legacy SaTCR
(for wide RF band
applications)
0xCA
Table 3. SaTCRs implementation - incremental order mode
SatCR
number
SaTCR(1)
SaTCR address
I2C number
0
SaTCR1
0xC8
I2C1
1
SaTCR2
0xCA
I2C2
2
SaTCR3
0xC8
I2C3
3
SaTCR4
0xCA
I2C4
4
SaTCR5
0xCA
I2C1
5
SaTCR6
0xC8
I2C2
6
SaTCR7
0xCA
I2C3
7
SaTCR8/ legacy SaTCR (for
wide RF band applications)
0xC8
I2C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com