Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 15Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 16Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 17Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 18Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 19Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 20Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 21Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 22Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
DocID018831 Rev 5
19/44
STM8SPLNB1
Configuration parameters
43
Figure 8. SaTCR control and legacy configuration (wide RF band)
Table 17. DiSEqC Applications
Application number
Application description
0x01
Single SatCR and legacy (standard RF band)
0x02
Twin SatCR (standard RF band)
0x03
Twin SatCR and legacy (standard RF band)
0x04
Quad SatCR (standard RF band)
0x05
Double Twin SatCR (standard RF band)
0x06
Twin SatCR (wide RF band)
0x07
Twin SatCR and legacy (wide RF band)
0x08
Quad SatCR (wide RF band)
0x09
8 SatCR (standard RF band)
0x0A
6 SatCR (standard RF band)
0x0B
Quad SatCR and legacy (standard RF band)
0x0C - 0xFF
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com