Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8SPLNB1 Datasheet HTML 1Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 2Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 3Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 4Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 5Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 6Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 7Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 8Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
This is information on a product in full production.
December 2014
DocID018831 Rev 5
1/44
STM8SPLNB1
DiSEqC™ slave microcontroller for SaTCR based LNBs and
switchers
Datasheet
- production data
Features
 Clock, reset and supply management
– Reduced power consumption,
– Safe power on/off management
by low voltage detector (LVD),
– 2.95 to 5.5 V operating voltage,
– Internal 16MHz oscillator.
 Communication interface
– Two DiSEqCTM communication interfaces,
– Four I2C communication interfaces I/O
ports.
 4 output pins for control of a legacy matrix.
Description
The STM8SPLNB1 is an 8-bit microcontroller
dedicated to DiSEqC slave operation in SaTCR
based LNBs (Low Noise Block) and switchers.
It is a complete hardware and firmware solution
for system designers who require an
implementation overview of the LNB device
control according to DiSEqC standard (Digital
Satellite Equipment Control).
TSSOP20
UFQFPN20
SO20W
300 mils
4.40 mm body
3 x 3 mm
Figure 1. Functional block diagram
www.st.com


Similar Part No. - STM8SPLNB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8S STMICROELECTRONICS-STM8S Datasheet
9Mb / 467P
STM8S Series and STM8AF Series 8-bit microcontrollers
04-Oct-2017
STM8S-DISCOVERY STMICROELECTRONICS-STM8S-DISCOVERY Datasheet
97Kb / 3P
STM8S access Discovery
05-Nov-2010
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
29-Jun-2017
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
26-Aug-2020
STM8S001J3M3 STMICROELECTRONICS-STM8S001J3M3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
29-Jun-2017
More results

Similar Description - STM8SPLNB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQEXO-3 ETC1-IQEXO-3 Datasheet
31Kb / 2P
Crystal oscillator module,16MHz DIL8
logo
SIPAT Co,Ltd
LBN70A28 SIPAT-LBN70A28 Datasheet
273Kb / 3P
70MHz SAW Filter 16MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
SMD 3.2x2.5 16MHz Crystal Oscillator
TX0246A TAI-SAW-TX0246A Datasheet
313Kb / 6P
SMD 7.0x5.0 16MHz TCXO
logo
SIPAT Co,Ltd
LBT19101 SIPAT-LBT19101 Datasheet
149Kb / 3P
191MHz SAW Filter 16MHz Bandwidth
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
internal RC oscillator calibration
20-Jan-2015
logo
TAI-SAW TECHNOLOGY CO.,...
TW0286A TAI-SAW-TW0286A Datasheet
383Kb / 7P
SMD 7.0x5.0 16MHz Crystal Oscillator
REV. NO.: 1.0
TZ1392A TAI-SAW-TZ1392A Datasheet
211Kb / 3P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
TZ2167A TAI-SAW-TZ2167A Datasheet
69Kb / 5P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
TZ2550A TAI-SAW-TZ2550A Datasheet
100Kb / 5P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com