Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 11Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 12Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 13Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 14Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 15Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 16Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 17Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 18Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
DocID018831 Rev 5
15/44
STM8SPLNB1
Configuration parameters
43
3
Configuration parameters
STM8SPLNB1 devices are compliant with the Eutelsat DiSEqC slave microcontroller
specifications version 1.0, but they are not scanning the control pins to determine the slave
configuration. Instead this are the slave configuration parameters stored in EEPROM
memory and must be programmed for each specific application through programming
parameters in STM8SPLNB1 data EEPROM memory.
The EEPROM parameters described are the default configurations in our firmware. Custom
configurations can be programmed at factory on request according customer requirements
(FastROM process available). Customer can reprogram all EEPROM parameters through
DiSEqC command - see Section 2.2.2: Command 0x0F.
3.1
Configuration parameters
The slave configuration parameters for STM8SPLNB1 are listed in Table 14: STM8SPLNB1
EEPROM parameters:
Table 14. STM8SPLNB1 EEPROM parameters
index
parameter
description
default
value
00
Slave Address
DiSEqC slave address(1)
0x11
01
SaTCR1 BPF (lsb)
(2)
0x5D
02
SaTCR1 BPF (msb)
0x02
03
SaTCR2 BPF (lsb)
0xC6
04
SaTCR2BPF (msb)
0x02
05
SaTCR3 BPF (lsb)
0x48
06
SaTCR3 BPF (msb)
0x03
07
SaTCR4 BPF (lsb)
0xFC
08
SaTCR4 BPF (msb)
0x03
09
SaTCR5 BPF (lsb)
0xFF
0A
SaTCR5BPF (msb)
0xFF
0B
SaTCR6 BPF (lsb)
0xFF
0C
SaTCR6 BPF (msb)
0xFF
0D
SaTCR7 BPF(lsb) / legacy
SaTCR Low band (msb)
(3)
0xFF
0E
SaTCR7 BPF(msb) / legacy
SaTCR Low band (lsb)
0xFF
0F
SaTCR8 BPF(lsb) / legacy
SaTCR High band (msb)
0xFF
10
SaTCR8 BPF(msb) / legacy
SaTCR High band (lsb)
0xFF
11
Applitype
Application type number (refer to Table 16.)
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com