Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 9Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 10Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 11Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 12Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 13Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 14Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 15Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 16Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
DocID018831 Rev 5
13/44
STM8SPLNB1
STM8SPLNB1 operation
43
.
2.2.6
Command 0x5B
This command is used only during LNB (or switched) installation/configuration. Command
0x5B is DiSEqC command (see Table 12: Command 0x5B format) with two data bytes. In
dependence from those data bytes are performed three subcommands which descriptions
are in Table 13: Subcommands 0x5B format - ODU_SaTCR_Inst.
Table 11. Feeds(1)
1. Applications supporting legacy are limited to one satellite only (satellite A - see Table 8: Command 0x38
format).
Feed
RF input
Band
Polarization
Satellite
0
Low
Vertical
A
1
High
Vertical
A
2
Low
Horizontal
A
3
High
Horizontal
A
4
Low
Vertical
B
5
High
Vertical
B
6
Low
Horizontal
B
7
High
Horizontal
B
Table 12. Command 0x5B format
frame
DiSEqC™
address
command
data1
data2
0xE0/0xE2
[device address]
0x5B
[data1](1)
1. See
Table 13.: Subcommands 0x5B format - ODU_SaTCR_Inst for details.
[data2](1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com