Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 20Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 21Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 22Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 23Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 24Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 25Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 26Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 27Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Electrical characteristics
STM8SPLNB1
24/44
DocID018831 Rev 5
4.3.2
VCAP external capacitor
Stabilization for the internal voltage regulator is achieved connecting an external capacitor
CEXT to the VCAP pin (see Figure 2: STM8SPLNB1 typical configuration). CEXT is specified
in Table 22: General operating conditions. Care should be taken to limit the series
inductance to less than 15 nH.
Figure 11. External capacitor CEXT
1. ESR is the equivalent series resistance and ESL is the equivalent inductance.
4.3.3
Supply current characteristics
Total current consumption in run mode
The MCU is placed under the following conditions:
–
All I/O pins in input mode with a static value at VDD or VSS (no load)
Subject to general operating conditions for VDD and TA.
Table 24. Total current consumption at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max(1)
1. Data based on characterization results, not tested in production.
Unit
IDD(RUN)
Supply
current in run
mode
fCPU = 16 MHz,
VDD = 5V
HSI RC osc. (16 MHz)
4.7
5.8
mA
fCPU = 16 MHz,
VDD = 3.3V
HSI RC osc. (16 MHz)
4.7
5.8
IDD(R)
Supply
current in
reset state(2)
2. Characterized with all I/Os tied to VSS.
VDD = 5 V
-
400
-
μA
Table 25. Output driving current
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output low level
IIO = 10 mA, VDD = 5 V
-
2
V
IIO = 4 mA, VDD = 3.3 V
-
1(1)
1. Data based on characterization results, not tested in production
VOH
Output high level
IIO = 10 mA, VDD = 5 V
2.8
-
IIO = 4 mA, VDD = 3.3 V
2.1(1)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com