Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 36Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 37Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 38Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 39Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 40Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 41Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 42Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 43Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
DiSEqC™ protocol basics
STM8SPLNB1
40/44
DocID018831 Rev 5
A.1.3
Data transfer on coaxial cable
The 22 kHz signal is also used for data communication through coaxial cable (bidirectional
transfer). In this case is used amplitude modulation of 22 kHz signal.
Bit “logical 0” coding:
1.0 ms 22 kHz signal
0.5 ms no signal
Bit “logical 0” coding:
0.5 ms 22 kHz signal
1.0 ms no signal
By this modulation is transferred full DiSEqC™ message (8 bits per byte + parity, several
bytes in message - see A.1: Physical layer).
Figure 20. DiSEqC™ bit modulation
Figure 21. Timing diagram for typical DiSEqC™ (1.0 version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com