Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 8Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 9Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 10Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 11Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 12Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 13Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 14Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 15Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
STM8SPLNB1 operation
STM8SPLNB1
12/44
DocID018831 Rev 5
2.2.4
Command 0x38
This command is used to write to port group command - legacy support.
For application supporting the legacy (except for application number 1), the backwards
signaling (13/18 V, 22 kHz tone) is recognized until a valid DiSEqC 1.0 command is
detected.
The following Table 8: Command 0x38 format presents the truth table for the legacy
commands.
.
2.2.5
Command 0x5A
This command is used during LNB (or switched) normal operation (default operation after
configuration). Command 0x5A is DiSEqC command (see Table 9: Command 0x5A format)
with two data bytes. In dependence from those data bytes are performed two subcommands
which descriptions are in Table 10: Subcommands 0x5A format - ODU_SaTCR_Op.
.
Table 8. Command 0x38 format
command
equivalent
backward signalling
selected
feed
band
polarity
satellite
E0 xx 38 F0
13V / 0kHz
0
Low
Vertical
A
E0 xx 38 F1
13V / 22kHz
1
High
Vertical
A
E0 xx 38 F2
18V / 0kHz
2
Low
Horizontal
A
E0 xx 38 F3
18V / 22kHz
3
High
Horizontal
A
Table 9. Command 0x5A format
frame
DiSEqC™
address
command
data1
data2
0xE0/0xE2
[device address]
0x5A
[data1](1)
1. See
Table 10: Subcommands 0x5A format - ODU_SaTCR_Op for details.
[data2](1)
Table 10. Subcommands 0x5A format - ODU_SaTCR_Op
subcommand
data1
data2
description
[7:5]
[4:2]
[1:0]
[7:0]
ODU_ChangeChannel SaTCR(1)
1. SaTCR number - see Table 2: SaTCRs implementation - ST7LNB1 compatible mode.
Feed(2)
2. Feed parameter - see Table 11: Feeds and Table 15: Truth table for support of 8 RF inputs.
Tun[9:8](3)
3. Tuning word - see notes in Table 14: STM8SPLNB1 EEPROM parameters for description.
Tun[7:0](3)
This command is used for the
channel selection.
ODU_PowerOff
SaTCR(1)
0
0x00
This command is used to put
a SaTCR in low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com