Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 5 Page - STMicroelectronics

  STM8SPLNB1 Datasheet HTML 1Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 2Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 3Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 4Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 5Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 6Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 7Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 8Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
DocID018831 Rev 5
5/44
STM8SPLNB1
List of figures
5
List of figures
Figure 1.
Functional block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
STM8SPLNB1 typical configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
TSSOP20/SO20W pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
UFQFPN20 pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
Signaling of the DiSEqC-ST command. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 6.
SaTCR control configuration. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 7.
SaTCR control and legacy configuration (standard RF band) . . . . . . . . . . . . . . . . . . . . . . 18
Figure 8.
SaTCR control and legacy configuration (wide RF band). . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 9.
Pin loading conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 10.
Pin input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 11.
External capacitor CEXT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 12.
Recommended reset pin protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 13.
20-pin, 4.40 mm body, 0.65 mm pitch. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 14.
TSSOP20 recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 15.
20-pin, plastic small outline (300 mils) package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 16.
20-lead, ultra thin, fine pitch quad flat no-lead package outline (3 x 3). . . . . . . . . . . . . . . . 33
Figure 17.
Recommended footprint for on-board emulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 18.
Recommended footprint without on-board emulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 19.
Timing diagram for Tone Burst control signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 20.
DiSEqC™ bit modulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 21.
Timing diagram for typical DiSEqC™ (1.0 version) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 22.
DiSEqC™ message format. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .41
Figure 23.
Microcontroller answer format. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com