Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 10Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 11Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 12Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 13Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 14Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 15Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 16Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 17Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
STM8SPLNB1 operation
STM8SPLNB1
14/44
DocID018831 Rev 5
.
Table 13. Subcommands 0x5B format - ODU_SaTCR_Inst
Subcommand
data1
data2
description
[7:5]
[4:2] [1:0]
[7:0]
ODU_Config
SaTCR(1)
1. SaTCR number - see Table 2: SaTCRs implementation - ST7LNB1 compatible mode
0
1
AppliNum(2)
2. See Table 17: DiSEqC Applications for details.
This command is sent by the
STB in order to set the
STM8SPLNB1 application
number. If the data2 value
corresponds to the
STM8SPLNB1 AppliNum, then
the STM8SPLNB1 commands
SaTCR indicated in data1 to
send a tone having frequency:
F = BPF(4), else: F = (BPF +
20 MHz).
ODU_Lofreq
SaTCR(1)
0
2
LOfreqNum(3)
3. See Table 18: Local oscillator frequencies for details.
This command is sent by the
STB in order to set the L.O.
frequencies present in the LNB. If
the data2 value corresponds to
the STM8SPLNB1 LOfreqNum,
then the STM8SPLNB1
commands SaTCR indicated in
data1 to send a tone having
frequency: F = BPF(4), else:
F = (BPF + 20 MHz).
4. BPF is bandpass center frequency for a given SaTCR - see Table 14: STM8SPLNB1 EEPROM
parameters for details.
ODU_SaTCRxSignalOn
xxh
0
xxh
When receiving this command
the STM8SPLNB1 commands all
connected SaTCRs to send a
tone in order to indicate their
respective BPF(4) center
frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com