Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 12Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 13Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 14Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 15Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 16Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 17Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 18Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 19Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Configuration parameters
STM8SPLNB1
16/44
DocID018831 Rev 5
12
AppliNum
Application number (refer to Table 17: DiSEqC
Applications)
0x04
13
High L.O freq Number
Refer to Table 18: Local oscillator frequencies
0x04
14
Low L.O freq Number
Refer to Table 18: Local oscillator frequencies
0x02
15
SaTCR1 matrix truth table
(4)
0xAC
16
0x35
17
SaTCR2 matrix truth table
0x59
18
0x6A
19
SaTCR3 matrix truth table
0x56
1A
0x9A
1B
SaTCR4 matrix truth table
0x95
1C
0xA6
1D
SaTCR5 matrix truth table
0xFF
1E
0xFF
1F
SaTCR6 matrix truth table
0xFF
20
0xFF
21
SaTCR7 matrix truth table
0xFF
22
0xFF
23
SaTCR8 matrix truth table /
legacy matrix
0xFF
24
0xFF
25
SaTCRs GAIN(5)
SaTCRs 1 to 4 Gain
0xFF
26
SaTCRs 5 to 8 Gain
0xFF
27
SaTCRs number
(6)
0x04
28
I2C addressing mode
defines SaTCRs assignment to I2C bus(7)
0x00
29
Software Version Number
version number identification
0x15
2A
Reserved
(8)
0x00
2B
0x00
1. Address 0x00 is also recognized as valid address.
2. SaTCRx BPF = BPFx center frequency [MHz]/2.
Table 14. STM8SPLNB1 EEPROM parameters (continued)
index
parameter
description
default
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com