Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 33Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 34Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 35Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 36Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 37Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 38Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 39Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 40Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
DocID018831 Rev 5
37/44
STM8SPLNB1
Ordering information
43
6
Ordering information
6.1
STM8SPLNB1 DiSEqC™ SLAVE microcontroller option list
(Last update: Sept 2010)
Conditioning (check only one option):
Tape & reel [ ] or Tube/Tray[ ]
Package type (check only one option):
TSSOP20 [ ] or SO20W [ ] or UFQFPN20 [ ]
EEPROM Parameters:
(any modified default settings [DEF] should be written in the Custom boxes [CUST])
Customer
.....................................................................................................................
Address
.....................................................................................................................
Contact
.....................................................................................................................
Phone no.
.....................................................................................................................
Reference FASTROM
Code
FASTROM code name is assigned by STMicroelectronics
INDEX
PARAMETER
DEF
CUST
00
Slave Address
11h
[
h]
01
SaTCR1 BPF (lsb)
5Dh
[
h]
02
SaTCR1 BPF (msb)
02h
[
h]
03
SaTCR2 BPF (lsb)
C6h
[
h]
04
SaTCR2BPF (msb)
02h
[
h]
05
SaTCR3 BPF (lsb)
48h
[
h]
06
SaTCR3 BPF (msb)
03h
[
h]
07
SaTCR4 BPF (lsb)
FCh
[
h]
08
SaTCR4 BPF (msb)
03h
[
h]
09
SaTCR5 BPF (lsb)
FFh
[
h]
0A
SaTCR5BPF (msb)
FFh
[
h]
0B
SaTCR6 BPF (lsb)
FFh
[
h]
0C
SaTCR6 BPF (msb)
FFh
[
h]
0D
SaTCR7 BPF(lsb)/Legacy, SaTCR Low band(msb)
FFh
[
h]
0E
SaTCR7 BPF(msb)/Legacy, SaTCR Low band (lsb)
FFh
[
h]
0F
SaTCR8 BPF(lsb)/Legacy, SaTCR High band (msb)
FFh
[
h]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com