Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 7Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 8Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 9Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 10Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 11Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 12Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 13Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 14Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
DocID018831 Rev 5
11/44
STM8SPLNB1
STM8SPLNB1 operation
43
2.2
DiSEqC commands details
2.2.1
Command signaling
To be detected, the DiSEqC-ST commands must be sent after a voltage change from 13 to
18 V. A delay time between 4 ms and 24 ms must be respected before sending the DiSEqC-
ST commands (see Figure 5: Signaling of the DiSEqC-ST command).
Figure 5. Signaling of the DiSEqC-ST command
2.2.2
Command 0x0F
STM8SPLNB1 devices are shipped to customers with a default parameter values. These
parameters can be updated using a dedicated 0x0F DiSEqC command. This command has
the following format where “[data]” is the parameter value to be programmed at the “[index]”
location as described in Table 14: STM8SPLNB1 EEPROM parameters.
Note:
The special command E0 xx 0F FF FF protects the EEPROM data from any subsequent
write access (where xx is the corresponding DiSEqC slave address).
2.2.3
Command 0x0D
This command is dedicated for reading configuration parameters. This command has the
following format where the “[index]” is location to be read as shown in Table 14:
STM8SPLNB1 EEPROM parameters.
The format of the reply frame from slave has format according Table 7: Reply to command
0x0D format where “[data]” is the byte read from EEPROM.
Table 5. Command 0x0F format
frame
DiSEqC™
address
command
data1
data2
0xE0/0xE2
[device address]
0x0F
[index]
[data]
Table 6. Command 0x0D format
frame
DiSEqC™ address
command
data1
0xE2
[device address]
0x0D
[index]
Table 7. Reply to command 0x0D format
frame
data1
0xE4
[data]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com