Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 3 Page - STMicroelectronics

  STM8SPLNB1 Datasheet HTML 1Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 2Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 3Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 4Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 5Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 6Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 7Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 8Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
DocID018831 Rev 5
3/44
STM8SPLNB1
Contents
3
5.2.1
TSSOP package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
5.2.2
SO20W package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
5.2.3
UFQFPN package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
5.3
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
5.3.1
Reference document . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
6
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
6.1
STM8SPLNB1 DiSEqC™ SLAVE microcontroller option list . . . . . . . . . . 37
Appendix A DiSEqC™ protocol basics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
A.1
Physical layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
A.1.1
DC voltage on coaxial cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
A.1.2
22 kHz signal on coaxial cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
A.1.3
Data transfer on coaxial cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
A.2
Protocol layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
7
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com