Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 36Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 37Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 38Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 39Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 40Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 41Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 42Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 43Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
DocID018831 Rev 5
41/44
STM8SPLNB1
DiSEqC™ protocol basics
43
For more detailed information about DiSEqC™ protocol - see DiSEqC™ bus functional
specifications and DiSEqC™ slave microcontroller specifications. Refer to
www.eutelsat.com.
A.2
Protocol layer
The DiSEqC™ messages are transferred in packets. One packet consists from several
bytes - each byte has 8 bits followed by parity bit (odd).
The full DiSEqC™ message contains a frame byte, an address byte, a command byte which
can be followed by several data bytes.
Figure 22. DiSEqC™ message format
When host is requesting an answer from the slave (microcontroller) then the answer
consists from frame byte which can be followed by several data bytes
Figure 23. Microcontroller answer format.
The frame byte identifies the direction, reply requirements and error status - see following
Table 35.
The address byte identifies the receiver. There also exist address groups (families). The
family address is valid for all devices with similar (family) function - all given family devices
receive message. Address families are described in DiSEqC™ slave microcontroller
specifications. Universal (broadcast) address is 0x00 - all devices should receive messages
with this address.
Command byte describes given command for device - according this command the device
selects method for data processing.
Table 35. DiSEqC™ frame byte definition
Frame byte
definition
0xE0
Command from master, no reply required, first transmission
0xE1
Command from master, no reply required, repeated transmission
0xE2
Command from master, reply required, first transmission
0xE3
Command from master, reply required, repeated transmission
0xE4
Reply from slave, OK, no errors found
0xE5
Reply from slave, command not supported
0xE6
Reply from slave, parity error, repeat requested
0xE7
Reply from slave, command not recognized, repeat necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com