Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8SPLNB1 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM8SPLNB1
Description  Internal 16MHz oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8SPLNB1 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM8SPLNB1 Datasheet HTML 36Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 37Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 38Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 39Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 40Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 41Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 42Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 43Page - STMicroelectronics STM8SPLNB1 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
DocID018831 Rev 5
43/44
STM8SPLNB1
Revision history
43
7
Revision history
– Section 5.2.1: TSSOP package mechanical data,
– Section 5.2.2: SO20W package mechanical data,
– Section 5.2.3: UFQFPN package mechanical data.
Table 36. Document revision history
Date
Revision
Changes
28-Jul-2011
1
Initial release.
08-Sep-2011
2
Updated RESET capacitor value in Figure 2: STM8SPLNB1 typical
configuration.
Updated AppliNum and SaTCRs number parameters.
Added note on VCAP parameter in Table 22: General operating
conditions.
03-Nov-2011
3
Updated datasheet description.
Updated conditions and notes related to VCAP parameter in Table 22:
General operating conditions.
11-Jun-2012
4
Updated typical and maximum values of RPU in Table 26: RESET pin
characteristics.
Modified Figure 16: 20-lead, ultra thin, fine pitch quad flat no-lead
package outline (3 x 3) to add package top view.
18-Dec-2014
5
Updated:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com