Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEH60 Datasheet (PDF) - Astec America, Inc

Part # AEH60
Description  Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
File Size   506.34 Kbytes
Html View  1   2 
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEH60 Datasheet (PDF) - Astec America, Inc



Similar Part No. - AEH60

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH60 EMERSON-NETWORKPOWER-AEH60 Datasheet
1Mb / 2P
Ultra High Efficiency Half Brick
logo
Astec America, Inc
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
logo
Emerson Network Power
AEH60F48 EMERSON-NETWORKPOWER-AEH60F48 Datasheet
1Mb / 2P
Ultra High Efficiency Half Brick
AEH60F48N EMERSON-NETWORKPOWER-AEH60F48N Datasheet
1Mb / 2P
Ultra High Efficiency Half Brick
logo
Astec America, Inc
AEH60G48 ASTEC-AEH60G48 Datasheet
389Kb / 21P
Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
More results


Similar Description - AEH60

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE00-12VIN ASTEC-AEE00-12VIN Datasheet
146Kb / 2P
Total Power: 10 Watts Input, Voltages: 12V, No. of Outputs: Single and Dual
AEE04 ASTEC-AEE04 Datasheet
473Kb / 2P
Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual
AEQ15 ASTEC-AEQ15 Datasheet
61Kb / 2P
Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
APA100 ASTEC-APA100 Datasheet
1Mb / 2P
Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
55 Watts Maximum Continuous Power - Total of all Outputs.
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIH50Y300 ARTESYN-AIH50Y300 Datasheet
485Kb / 2P
Total Power: 250 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
Total Power: 250 Watts
LPS202-M ARTESYN-LPS202-M Datasheet
725Kb / 3P
Total Power: 125 - 250 Watts
LPQ252-C ARTESYN-LPQ252-C Datasheet
704Kb / 4P
Total Power: 250 Watts
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com