Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0931A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0931A
Description  Crystal Unit SMD 5.0x3.2 26MHz
File Size   103.09 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0931A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ0931A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0935A TAI-SAW-TZ0935A Datasheet
195Kb / 5P
SMD 5.0x3.2 27.000MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ0931A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0164A TAI-SAW-TZ0164A Datasheet
369Kb / 7P
SMD 4.0x2.5 26MHz Crystal Unit
REV. NO.: 2.0
TZ0702A TAI-SAW-TZ0702A Datasheet
190Kb / 5P
SMD 4.0x2.5 26MHz Crystal Unit
REV. NO.: 1
TZ0755A TAI-SAW-TZ0755A Datasheet
191Kb / 5P
SMD 4.0x2.5 26MHz Crystal Unit
REV. NO.: 1
TZ1325C TAI-SAW-TZ1325C Datasheet
168Kb / 8P
Crystal Unit SMD 2.0x1.6 26MHz
REV. NO.: 4.0
TZ2058C TAI-SAW-TZ2058C Datasheet
165Kb / 8P
Crystal Unit SMD 2.0x1.6 26MHz
REV. NO.: 3.0
TZ2352A TAI-SAW-TZ2352A Datasheet
210Kb / 7P
Crystal Unit SMD 1.6x1.2 26MHz
REV. NO.: 1
TZ2352B TAI-SAW-TZ2352B Datasheet
213Kb / 7P
Crystal Unit SMD 1.6x1.2 26MHz
REV. NO.: 1
TZ2489A TAI-SAW-TZ2489A Datasheet
379Kb / 8P
Crystal Unit SMD 2.5x2.0 26MHz
REV. NO.: 1
TZ2530A TAI-SAW-TZ2530A Datasheet
371Kb / 7P
Glass SMD 5.0x3.2 26MHz Crystal Unit
REV. NO.: 1.0
TZ2593A TAI-SAW-TZ2593A Datasheet
166Kb / 8P
Crystal Unit SMD 2.0x1.6 26MHz
REV. NO.: 5.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com