Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0931A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0931A
Description  Crystal Unit SMD 5.0x3.2 26MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0931A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0931A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: Crystal Unit SMD 5.0x3.2 26MHz
TST Part No.: TZ0931A
Customer Part No. :
Checked by:
Yifan Chen
Approved by:
Kelly Huang
Date:
12/08/2015
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TZ0931A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0935A TAI-SAW-TZ0935A Datasheet
195Kb / 5P
SMD 5.0x3.2 27.000MHz Crystal Unit
REV. NO.: 1
More results

Similar Description - TZ0931A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0164A TAI-SAW-TZ0164A Datasheet
369Kb / 7P
SMD 4.0x2.5 26MHz Crystal Unit
REV. NO.: 2.0
TZ0702A TAI-SAW-TZ0702A Datasheet
190Kb / 5P
SMD 4.0x2.5 26MHz Crystal Unit
REV. NO.: 1
TZ0755A TAI-SAW-TZ0755A Datasheet
191Kb / 5P
SMD 4.0x2.5 26MHz Crystal Unit
REV. NO.: 1
TZ1325C TAI-SAW-TZ1325C Datasheet
168Kb / 8P
Crystal Unit SMD 2.0x1.6 26MHz
REV. NO.: 4.0
TZ2058C TAI-SAW-TZ2058C Datasheet
165Kb / 8P
Crystal Unit SMD 2.0x1.6 26MHz
REV. NO.: 3.0
TZ2352A TAI-SAW-TZ2352A Datasheet
210Kb / 7P
Crystal Unit SMD 1.6x1.2 26MHz
REV. NO.: 1
TZ2352B TAI-SAW-TZ2352B Datasheet
213Kb / 7P
Crystal Unit SMD 1.6x1.2 26MHz
REV. NO.: 1
TZ2489A TAI-SAW-TZ2489A Datasheet
379Kb / 8P
Crystal Unit SMD 2.5x2.0 26MHz
REV. NO.: 1
TZ2530A TAI-SAW-TZ2530A Datasheet
371Kb / 7P
Glass SMD 5.0x3.2 26MHz Crystal Unit
REV. NO.: 1.0
TZ2593A TAI-SAW-TZ2593A Datasheet
166Kb / 8P
Crystal Unit SMD 2.0x1.6 26MHz
REV. NO.: 5.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com