Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0931A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0931A
Description  Crystal Unit SMD 5.0x3.2 26MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0931A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0931A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0931A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC
Release document
Mechanical Dimensions (mm):
Recommended Land Pattern: (unit: mm)
Marking:
Line 1: Frequency (26.000)
Line 2: TST Logo + Crystal Product Code + Date Code + Traceability code ( 1 or 2 letters)
The inner vision of Pin#1, Pin#4 side is XTAL blank mounting pad.
Product Code Table
2013
2014
2015
2016
2017
2018
2019
2020
Year
2021
2022
2023
2024
Product code
Z
z
Z
z
Pin#3
Pin#4
Pin#2
Pin#1
Pin Connection
#1 pin
IN/OUT
#2 pin
GND
#3 pin
IN/OUT
#4 pin
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com