Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49SMD Datasheet (PDF) - Transko Electronics, Inc.

Part # HC49SMD
Description  STANDARD HC49/SMD CRYSTAL (11.5 x 4.75 x 3.5mm)
File Size   159.23 Kbytes
Html View  1 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

HC49SMD Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - HC49SMD

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
HC49SMD4 TRANSKO-HC49SMD4 Datasheet
330Kb / 1P
STANDARD HC49/SMD4 CRYSTAL (12.0 x 4.7mm)
Rev. 2: Nov. 2020
More results


Similar Description - HC49SMD

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM49H4 TEMEX-QESM49H4 Datasheet
486Kb / 5P
HC49 SMD Crystal - SMD packaged
logo
Fox Electronics
C6AS FOX-C6AS Datasheet
192Kb / 3P
6.0mm x 3.5mm Ceramic SMD Crystal
C6BS FOX-C6BS Datasheet
213Kb / 3P
6mm x 3.5mm Ceramic SMD Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0697A TAI-SAW-TZ0697A Datasheet
257Kb / 4P
HC49-SMD 10.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0852A TAI-SAW-TZ0852A Datasheet
246Kb / 3P
HC49-SMD 30.000MHz Crystal Resonator
REV. NO.: 1.0
logo
Transko Electronics, In...
HC49S TRANSKO-HC49S Datasheet
157Kb / 1P
STANDARD HC49/S THROUGH HOLE CRYSTAL (11.5 x 4.7 x 3.5mm)
REV.3 10-10-19
HC49SMD4 TRANSKO-HC49SMD4 Datasheet
330Kb / 1P
STANDARD HC49/SMD4 CRYSTAL (12.0 x 4.7mm)
Rev. 2: Nov. 2020
HC49U TRANSKO-HC49U Datasheet
131Kb / 1P
STANDARD THROUGH HOLE CRYSTAL (11.5 x 4.7 x 13.5mm)
Rev.3: 10-10-19
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TPI10040F TRANSKO-TPI10040F Datasheet
781Kb / 3P
Power Inductor SMD (10.3 X 11.5 X 4.0mm)
Rev 1: 05-09-2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com