Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSVC Datasheet (PDF) - Transko Electronics, Inc.

Part # TSVC
Description  FR4 PCB BASED 4PAD SMD CMOS/TTL/SW VCXO (14.3 x 8.7 x 5.5mm)
File Size   485.82 Kbytes
Html View  1   2 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TSVC Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - TSVC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSVC SUNTAN-TSVC Datasheet
146Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0603E240PAT SUNTAN-TSVC0603E240PAT Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0603E5R0PAT SUNTAN-TSVC0603E5R0PAT Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0603G140PCT SUNTAN-TSVC0603G140PCT Datasheet
146Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0603G5R6PXT SUNTAN-TSVC0603G5R6PXT Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
More results


Similar Description - TSVC

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SVCF4C SUNTSU-SVCF4C Datasheet
634Kb / 4P
FR4 PCB 4 Pad CMOS VCXO
SVCF6C SUNTSU-SVCF6C Datasheet
753Kb / 4P
FR4 PCB 6 Pad CMOS VCXO
logo
Transko Electronics, In...
TIS TRANSKO-TIS Datasheet
453Kb / 1P
FR-4 SMD LVDS OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TPS-1236 TRANSKO-TPS-1236 Datasheet
397Kb / 2P
ULTRA LOW NOISE HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TPS TRANSKO-TPS Datasheet
411Kb / 1P
FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TSD TRANSKO-TSD Datasheet
286Kb / 1P
HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.1: 08-28-2020
TSVD-HCQ33S-122.880M TRANSKO-TSVD-HCQ33S-122.880M Datasheet
431Kb / 1P
FR4 PCB BASED SMD CMOS VCXO (14.3 x 8.7 x 5.0mm)
Rev. 0: May 2020
TSVD TRANSKO-TSVD Datasheet
470Kb / 2P
FR4 PCB BASED SMD HCMOS VCXO (14.3 x 8.7 x 5.5mm)
Rev. 2: Feb. 2015
TSVE TRANSKO-TSVE Datasheet
591Kb / 2P
FR4 PCB BASED SMD SINEWAVE VCXO (14.3 x 8.7 x 5.5mm)
Rev. 1: Jul. 2014
TSVF TRANSKO-TSVF Datasheet
497Kb / 2P
FR4 PCB BASED 6PAD SMD CMOS/LVDS/LVPECL VCXO (14.3 x 8.7 x 5.5mm)
Rev. 4: May 2015
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com