Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSVC Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TSVC
Description  FR4 PCB BASED 4PAD SMD CMOS/TTL/SW VCXO (14.3 x 8.7 x 5.5mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TSVC Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TSVC Datasheet HTML 1Page - Transko Electronics, Inc. TSVC Datasheet HTML 2Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TSVC
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev. 2: Feb. 2015
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ REFLOW PROFILE
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
Unit : mm
5.8
2.5
1.6
5.08
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°
Pre-
<10 Sec
<120 Sec
170 ±5°C
Unit : mm
■ PACKAGE DIMENSIONS
Pin Configuration
1
VC
2
GND
3
Output
4
VDD
5.08
1.2
1
2
3
4
5.5 max
14.3
Dot denotes pin 1 location
Product
Output
H: CMOS
T: TTL
S: Sinewave
Symmetry
R: 40/60%
S: 45/55%
TSVC
H
50
HM
33
S
100.000M
TR
C
Frequency
M: MHz
Supply Voltage
33: 3.3 Volt
50: 5.0 Volt
Tape and Reel
TR: 1000/reel
Blank: Cut tape
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for Stability
Operating Temperature
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
Pull ability
A: ±50ppm
B: ±75ppm
C: ±100ppm
D: ±125ppm
E: ±150ppm
F: ±200ppm
■ PHASE NOISE (TYPICAL) @ 100MHz (0°C to 70°C)
8.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com