Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSVC Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TSVC
Description  FR4 PCB BASED 4PAD SMD CMOS/TTL/SW VCXO (14.3 x 8.7 x 5.5mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TSVC Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TSVC Datasheet HTML 1Page - Transko Electronics, Inc. TSVC Datasheet HTML 2Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TSVC
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev. 2: Feb. 2015
FR4 PCB BASED 4PAD SMD CMOS/TTL/SW VCXO (14.3 x 8.7 x 5.5mm)
FEATURES:
CMOS/TTL/SW HIGH FREQUENCY RANGE
LOW JITTER / LOW CURRENT
SUITABLE FOR REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
PARAMETER
MIN.
TYP.
MAX.
UNIT
NOTE
FREQUENCY RANGE
CMOS/TTL
0.001
800.000
MHz
SW
10
50
MHz
FREQUENCY STABILITY
±10
±100
ppm See P/N guide for other options
OPERATING TEMPERATURE RANGE
-
40
85
°C
See P/N guide for other options
STORAGE TEMPERATURE RANGE
-
55
105
°C
SUPPLY VOLTAGE ±5%
3.3
5.0
V
See P/N guide for other options
SUPPLY
CURRENT
CMOS/TTL
1kHz ≤ f ≤ 40MHz
30
mA
40MHz < f ≤ 800MHz
100
mA
10MHz ≤ f ≤ 50MHz
30
mA
SW
50MHz < f ≤ 190MHz
70
mA
OUTPUT
LOAD
CMOS
15
pF
TTL
10
TTL
SW
50
Ω
LEVEL
CMOS (VOH)
0.9 x VDD
V
CMOS (VOL)
0.1 x VDD
V
TTL (VOH)
2.4
V
TTL (VOL)
0.4
V
SW (3.3V)
0
dBm
SW (5.0)
10
dBm
SYMMETRY (DUTY CYCLE)
40
60
%
CMOS/TTL only
RISE AND FALL TIME (Tr/Tf)
10.0
nS
CMOS/TTL only
START-UP TIME
10
mS
FREQUENCY DEVIATION
±50
±150
ppm See P/N guide for other options
CONTROL VOLTAGE
3.3V
0.15
3.15
V
5.0V
0
5
V
LINEARITY
10
%
PHASE NOISE
-
154.4683
dBc
@ 100MHz


Similar Part No. - TSVC

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSVC SUNTAN-TSVC Datasheet
146Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0603E240PAT SUNTAN-TSVC0603E240PAT Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0603E5R0PAT SUNTAN-TSVC0603E5R0PAT Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0603G140PCT SUNTAN-TSVC0603G140PCT Datasheet
146Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0603G5R6PXT SUNTAN-TSVC0603G5R6PXT Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
More results

Similar Description - TSVC

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SVCF4C SUNTSU-SVCF4C Datasheet
634Kb / 4P
FR4 PCB 4 Pad CMOS VCXO
SVCF6C SUNTSU-SVCF6C Datasheet
753Kb / 4P
FR4 PCB 6 Pad CMOS VCXO
logo
Transko Electronics, In...
TIS TRANSKO-TIS Datasheet
453Kb / 1P
FR-4 SMD LVDS OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TPS-1236 TRANSKO-TPS-1236 Datasheet
397Kb / 2P
ULTRA LOW NOISE HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TPS TRANSKO-TPS Datasheet
411Kb / 1P
FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TSD TRANSKO-TSD Datasheet
286Kb / 1P
HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.1: 08-28-2020
TSVD-HCQ33S-122.880M TRANSKO-TSVD-HCQ33S-122.880M Datasheet
431Kb / 1P
FR4 PCB BASED SMD CMOS VCXO (14.3 x 8.7 x 5.0mm)
Rev. 0: May 2020
TSVD TRANSKO-TSVD Datasheet
470Kb / 2P
FR4 PCB BASED SMD HCMOS VCXO (14.3 x 8.7 x 5.5mm)
Rev. 2: Feb. 2015
TSVE TRANSKO-TSVE Datasheet
591Kb / 2P
FR4 PCB BASED SMD SINEWAVE VCXO (14.3 x 8.7 x 5.5mm)
Rev. 1: Jul. 2014
TSVF TRANSKO-TSVF Datasheet
497Kb / 2P
FR4 PCB BASED 6PAD SMD CMOS/LVDS/LVPECL VCXO (14.3 x 8.7 x 5.5mm)
Rev. 4: May 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com