Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112I Datasheet (PDF) - ATTEND Technology Inc.

Part # 112I
Description  Micro SD socket, Push-Pull Type, w/card switch, w/Peg, Reel
File Size   298.35 Kbytes
Html View  1   2   3 
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

112I Datasheet (PDF) - ATTEND Technology Inc.



Similar Part No. - 112I

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
112 CTS-112 Datasheet
63Kb / 3P
22x25mm Stratum 3 OCXO
logo
Honeywell Solid State E...
112 HONEYWELL-112 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
112 ARIES-112 Datasheet
782Kb / 2P
Easy Identification and Tracing with 10-color Cable
logo
Alpha Wire
112 ALPHAWIRE-112 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
112 ALPHAWIRE-112 Datasheet
99Kb / 4P
Customer Specification
11/30/2022
More results


Similar Description - 112I

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
FMS006Z-2100-0 YAMAICHI-FMS006Z-2100-0 Datasheet
160Kb / 1P
SIM Card Reader (Push / Push, Reversed Type w. and w/o Switch)
logo
Bourns Electronic Solut...
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
17 mm Rotary Potentiometer w/Push-Pull Switch
PDB183-GTR BOURNS-PDB183-GTR Datasheet
507Kb / 4P
17 mm Guitar Potentiometer w/Push-Pull Switch
54AAD-C28-B15 BOURNS-54AAD-C28-B15 Datasheet
356Kb / 4P
Panel Control w/Push-Pull Switch
logo
JST Mfg. Co., Ltd.
SDHT JST-SDHT Datasheet
173Kb / 1P
1.1mm pitch / For Micro SD card Push-Pull type
logo
Global Connector Techno...
MEM2085 GCT-MEM2085 Datasheet
300Kb / 6P
Micro SD Memory Card Connector, Push-Pull, SMT, 1.15mm Profile
Rev 0.2 25/11/22
logo
ATTEND Technology Inc.
115A ATTEND-115A Datasheet
328Kb / 4P
SIM Card Socket , Push-Push Type, 82 Pin, 10u”, Reel, w/switch, (w/Logo)
2022/03/04
115F ATTEND-115F Datasheet
291Kb / 5P
HINGE TYPE, 62 PIN, G/F, REEL, W/PEG, W/SWITCH, W/LOGO
2016/01/20
115U-B100 ATTEND-115U-B100 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com