Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOCA36116C Datasheet (PDF) - Alpha & Omega Semiconductors

Part # AOCA36116C
Description  24V Common-Drain Dual N-Channel MOSFET
File Size   492.65 Kbytes
Html View  1   2   3   4   5 
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOCA36116C Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - AOCA36116C

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOCA36102E AOSMD-AOCA36102E Datasheet
447Kb / 5P
22V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2018
More results


Similar Description - AOCA36116C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF6968A GE-GF6968A Datasheet
152Kb / 5P
Common-Drain Dual N-Channel MOSFET
logo
Renesas Technology Corp
UPA2373T1P RENESAS-UPA2373T1P Datasheet
223Kb / 11P
Dual Drain common, N-channel MOSFET 24V, 6A, 23.0m
logo
MagnaChip Semiconductor...
MDCA0418E MGCHIP-MDCA0418E Datasheet
653Kb / 6P
Common-Drain N-Channel Trench MOSFET 24V, 7A, 20m(ohm)
logo
Alpha & Omega Semicondu...
AOC3868 AOSMD-AOC3868 Datasheet
366Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870 AOSMD-AOC3870 Datasheet
438Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AON5816 AOSMD-AON5816 Datasheet
401Kb / 6P
20V Common-Drain Dual N-Channel MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PKE24DB NIKOSEM-PKE24DB Datasheet
309Kb / 6P
Dual Common Drain N-Channel MOSFET
logo
Wuxi U-NIKC Semiconduct...
PB554DY UNIKC-PB554DY Datasheet
462Kb / 5P
Dual Common Drain N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOCA24106C AOSMD-AOCA24106C Datasheet
554Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: April 2020
AOCR36330 AOSMD-AOCR36330 Datasheet
413Kb / 5P
30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: March 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com