Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD03 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

Part # PSD03
Description  Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
File Size   478.64 Kbytes
Html View  1   2   3   4   5 
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PSD03 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.



Similar Part No. - PSD03

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSD03 PROTEC-PSD03 Datasheet
85Kb / 4P
DEVICE CHARACTERISTICS
PSD03 PROTEC-PSD03 Datasheet
75Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSD03 PROTEC-PSD03 Datasheet
172Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSD03 PROTEC-PSD03 Datasheet
662Kb / 8P
HIGH POWERED TVS ARRAY
PSD03 PROTEC-PSD03 Datasheet
776Kb / 8P
HIGH POWERED TVS ARRAY
More results


Similar Description - PSD03

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5UFN10A PANJIT-PJE5UFN10A Datasheet
152Kb / 5P
IEC61000-4-2(ESD): 15kV Air, 8kV Contact Compliance
logo
Protek Devices
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
logo
First Silicon Co., Ltd
PE12A-0402 FS-PE12A-0402 Datasheet
241Kb / 4P
IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV
logo
AMAZING Microelectronic...
AZKN1040T AMAZING-AZKN1040T Datasheet
1Mb / 13P
짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
logo
Guangdong Youtai Semico...
PSM712 UMW-PSM712 Datasheet
497Kb / 4P
Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
PSOT03 UMW-PSOT03 Datasheet
594Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
SDD32A05L01 UMW-SDD32A05L01 Datasheet
413Kb / 3P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32C05L01 UMW-SDD32C05L01 Datasheet
416Kb / 3P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SET23AXXL02 UMW-SET23AXXL02 Datasheet
408Kb / 5P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
UAD8C05L01 UMW-UAD8C05L01 Datasheet
368Kb / 4P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com