Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM0016 Datasheet (PDF) - Mimix Broadband

Part # CMM0016
Description  2.0-20.0 GHz GaAs MMIC 1W Power Amplifier
File Size   246.63 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0016 Datasheet (PDF) - Mimix Broadband



Similar Part No. - CMM0016_06

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0016-BD MIMIX-CMM0016-BD Datasheet
1Mb / 5P
2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer
CMM0016-BD MIMIX-CMM0016-BD Datasheet
176Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD Datasheet
277Kb / 9P
2.0-22.0 GHz GaAs MMIC
CMM0016-BD-000V MIMIX-CMM0016-BD-000V Datasheet
176Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_08 Datasheet
176Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
More results


Similar Description - CMM0016_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC464 HITTITE-HMC464 Datasheet
237Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC464LP5 HITTITE-HMC464LP5 Datasheet
281Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
logo
List of Unclassifed Man...
CMM-10 ETC-CMM-10 Datasheet
192Kb / 2P
2.0 TO 20.0 GHz GAAS MMIC POWER AMPLIFIER
logo
Mimix Broadband
CMM0016-BD MIMIX-CMM0016-BD Datasheet
1Mb / 5P
2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer
logo
Hittite Microwave Corpo...
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
logo
Mimix Broadband
CMM0014-BD MIMIX-CMM0014-BD_07 Datasheet
198Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com