Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1613AP Datasheet (PDF) - Belden Inc.

Part # 1613AP
Description  Broadband Coax, Series 6, 18 AWG Solid BCCS, Tri-Shield, Flamarrest® Jkt,CMP
File Size   141.69 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1613AP Datasheet (PDF) - Belden Inc.



Similar Part No. - 1613AP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1613A BELDEN-1613A Datasheet
170Kb / 3P
CATV Video, RG6, 18 AWG BCCS, Tri Shield, CM PVC Jacket
04-14-2023
1613A-0091000 BELDEN-1613A-0091000 Datasheet
170Kb / 3P
CATV Video, RG6, 18 AWG BCCS, Tri Shield, CM PVC Jacket
04-14-2023
1613A-009A1000 BELDEN-1613A-009A1000 Datasheet
170Kb / 3P
CATV Video, RG6, 18 AWG BCCS, Tri Shield, CM PVC Jacket
04-14-2023
1613A-009A1000 BELDEN-1613A-009A1000 Datasheet
170Kb / 3P
CATV Video, RG6, 18 AWG BCCS, Tri Shield, CM PVC Jacket
04-14-2023
1613A-009U1000 BELDEN-1613A-009U1000 Datasheet
170Kb / 3P
CATV Video, RG6, 18 AWG BCCS, Tri Shield, CM PVC Jacket
04-14-2023
More results


Similar Description - 1613AP

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C5785 GENERAL-C5785 Datasheet
75Kb / 2P
1C 18 SOLID BCCS FMPE OAS PVC RG 6/U TYPE QUAD SHIELD COAXIAL CABLE
logo
Belden Inc.
4694R BELDEN-4694R Datasheet
243Kb / 4P
12 GHz Coax, 4K UHD Precision Video Coax, RG-6/U Type, 75 Ohm, 18 AWG Solid, CMP
3093A BELDEN-3093A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP High Temp 150C
3132A BELDEN-3132A Datasheet
260Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP
DEIP182F BELDEN-DEIP182F Datasheet
137Kb / 2P
Digital Electricity™, 2 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP184F BELDEN-DEIP184F Datasheet
140Kb / 2P
Digital Electricity™, 4 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
DEIP188F BELDEN-DEIP188F Datasheet
141Kb / 2P
Digital Electricity™, 8 Pr #18 Str TC, O/A Foil, Flamarrest® Jkt, CL4P, CMP
04-24-2023
6500FH BELDEN-6500FH Datasheet
150Kb / 2P
Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP
12-20-2022
6500UH BELDEN-6500UH Datasheet
151Kb / 2P
Security & Commercial Audio Cable, 2 Conductor 22 AWG, Flamarrest® Jacket, CMP
12-20-2022
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com