Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCKV857 Datasheet (PDF) - NXP Semiconductors

Part # PCKV857
Description  70-190 MHz differential 1:10 clock driver
File Size   84.67 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCKV857 Datasheet (PDF) - NXP Semiconductors



Similar Part No. - PCKV857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCKV857A PHILIPS-PCKV857A Datasheet
101Kb / 13P
100-250 MHz differential 1:10 clock driver
2003 Jul 31
PCKV857ADGG PHILIPS-PCKV857ADGG Datasheet
101Kb / 13P
100-250 MHz differential 1:10 clock driver
2003 Jul 31
PCKV857ADGV PHILIPS-PCKV857ADGV Datasheet
101Kb / 13P
100-250 MHz differential 1:10 clock driver
2003 Jul 31
More results


Similar Description - PCKV857

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
PCK2057 PHILIPS-PCK2057 Datasheet
95Kb / 12P
70 - 190 MHz I2C differential 1:10 clock driver
2001 Jun 12
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
logo
NXP Semiconductors
PCKV857A PHILIPS-PCKV857A Datasheet
101Kb / 13P
100-250 MHz differential 1:10 clock driver
2003 Jul 31
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
1:9 Differential Clock Driver
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
Programmable low voltage 1:10 differential LVDS clock driver
30-May-2007
logo
ON Semiconductor
NB3N111K ONSEMI-NB3N111K Datasheet
130Kb / 9P
3.3V Differential 1:10 Fanout Clock Driver
April, 2012 ??Rev. 5
logo
Renesas Technology Corp
MPC96877 RENESAS-MPC96877 Datasheet
706Kb / 14P
1.8 V PLL 1:10 Differential SDRAM Clock Driver
2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com