Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2057 Datasheet (PDF) - NXP Semiconductors

PCK2057 Datasheet PDF - NXP Semiconductors
Part # PCK2057
Download  PCK2057 Download
File Size   95.18 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 70 - 190 MHz I2C differential 1:10 clock driver

PCK2057 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK2057 Datasheet PDF - NXP Semiconductors

Part # PCK2057
Download  PCK2057 Click to download

File Size   95.18 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 70 - 190 MHz I2C differential 1:10 clock driver

PCK2057 Datasheet (HTML) - NXP Semiconductors


PCK2057 Product details

DESCRIPTION
The PCK2057 is a high-performance, low-skew, low-jitter zero delay buffer that distributes a differential clock input pair (CLK, CLK) to ten differential pairs of clock outputs and one differential pair of feedback clock outputs. The clock outputs are controlled by the clock inputs (CLK, CLK), the feedback clocks (FBIN, FBIN), the
2-line serial interface (SDA, SCL), and the analog power input (AVDD). The two-line serial interface (I2C) can put the individual output clock pairs in a high-impedance state. When AVDDis tied to GND, the PLL is turned off and bypassed for test purposes.

FEATURES
• Optimized for clock distribution in DDR (Double Data Rate) SDRAM applications supporting DDR 200/266/300/333
• Full DDR solution provided when used with PCK2002P or PCK2002PL, and PCK2022RA
• 1-to-10 differential clock distribution
• Very low jitter (< 100 ps)
• Operation from 2.2 V to 2.7 V AVDD and 2.3 V to 2.7 V VDD
• SSTL_2 interface clock inputs and outputs
• HCSL to SSTL_2 input conversion
• Test mode enables buffers while disabling PLL
• Tolerant of Spread Spectrum input clock
• 3.3 V I2C support with 3.3 V VDDI2C
• 2.5 V I2C support with 2.5 V VDDI2C
• Form, fit, and function compatible with CDCV850




Similar Part No. - PCK2057

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2000 PHILIPS-PCK2000 Datasheet
90Kb / 14P
CK97 66/100MHz System Clock Generator
1998 Sep 29
PCK2000DL PHILIPS-PCK2000DL Datasheet
90Kb / 14P
CK97 66/100MHz System Clock Generator
1998 Sep 29
PCK2000M PHILIPS-PCK2000M Datasheet
81Kb / 12P
CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
PCK2000MDB PHILIPS-PCK2000MDB Datasheet
81Kb / 12P
CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
More results


Similar Description - PCK2057

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
PCKV857 PHILIPS-PCKV857 Datasheet
84Kb / 12P
70-190 MHz differential 1:10 clock driver
2001 Jun 12
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
logo
NXP Semiconductors
PCKV857A PHILIPS-PCKV857A Datasheet
101Kb / 13P
100-250 MHz differential 1:10 clock driver
2003 Jul 31
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
1:9 Differential Clock Driver
logo
ON Semiconductor
NB3N111K ONSEMI-NB3N111K Datasheet
130Kb / 9P
3.3V Differential 1:10 Fanout Clock Driver
April, 2012 ??Rev. 5
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com