Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2000 Datasheet (PDF) - NXP Semiconductors

PCK2000 Datasheet PDF - NXP Semiconductors
Part # PCK2000
Download  PCK2000 Download
File Size   90.36 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK97 66/100MHz System Clock Generator

PCK2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK2000 Datasheet PDF - NXP Semiconductors

Part # PCK2000
Download  PCK2000 Click to download

File Size   90.36 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK97 66/100MHz System Clock Generator

PCK2000 Datasheet (HTML) - NXP Semiconductors


PCK2000 Product details

DESCRIPTION
The PCK2000 is a clock synthesizer/driver chip for a Pentium Pro or other similar processors.
The PCK2000 has four CPU clock outputs at 2.5V. There are eight PCI clock outputs running at 33MHz. One of the PCI clock outputs is free-running. Additionally, the part has two 3.3V USB clock outputs at 48MHz, two 2.5V IOAPIC clock outputs at 14.318MHz, and three 3.3V reference clock outputs at 14.318MHz. All clock outputs meet Intel’s drive strength, rise/fall time, jitter, accuracy, and skew requirements.

FEATURES
• Mixed 2.5V and 3.3V operation
• Four CPU clocks at 2.5V
• Eight synchronous PCI clocks at 3.3V, one free-running
• Two 2.5V IOAPIC clocks @ 14.318 MHz
• Two 3.3V 48MHz USB clock outputs
• Three 3.3V reference clocks @ 14.318 MHz
• Reference 14.31818 MHz Xtal oscillator input
• 100 MHz or 66 MHz operation
• Part provides frequencies for Pentium Pro and Pentium II™ motherboards
• Power management control input pins
• 175 ps CPU clock jitter
• 175 ps skew on outputs
• 1.5 – 4 ns CPU–PCI delay
• Power down if PWRDWN is held LOW
• Available in 48-pin SSOP package
• See PCK2000M for 28-pin mobile version




Similar Part No. - PCK2000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2000M PHILIPS-PCK2000M Datasheet
81Kb / 12P
CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
PCK2000MDB PHILIPS-PCK2000MDB Datasheet
81Kb / 12P
CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
More results


Similar Description - PCK2000

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
logo
NXP Semiconductors
PCK2000M PHILIPS-PCK2000M Datasheet
81Kb / 12P
CK97 66/100MHz Mobile System Clock Generator
1998 Sep 29
PCK2023 PHILIPS-PCK2023 Datasheet
177Kb / 30P
CK408 66/100/133/200 MHz spread spectrum differential system clock generator
2001 Sep 07
logo
Integrated Circuit Syst...
ICS9177 ICST-ICS9177 Datasheet
316Kb / 8P
High Frequency System Clock Generator
RevB060297
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
Maxim Integrated Produc...
DS4100H MAXIM-DS4100H Datasheet
128Kb / 6P
100MHz HCSL Clock Generator
Rev 0; 11/07
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
Custom Clock Generator for Fax System
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com