Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2000 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK2000
Description  CK97 66/100MHz System Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK2000 Datasheet HTML 3Page - NXP Semiconductors PCK2000 Datasheet HTML 4Page - NXP Semiconductors PCK2000 Datasheet HTML 5Page - NXP Semiconductors PCK2000 Datasheet HTML 6Page - NXP Semiconductors PCK2000 Datasheet HTML 7Page - NXP Semiconductors PCK2000 Datasheet HTML 8Page - NXP Semiconductors PCK2000 Datasheet HTML 9Page - NXP Semiconductors PCK2000 Datasheet HTML 10Page - NXP Semiconductors PCK2000 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
PCK2000
CK97 (66/100MHz) System Clock Generator
1998 Sep 29
7
DC CHARACTERISTICS
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 0°C to +70°C
UNIT
SYMBOL
PARAMETER
VDD
(V)
OTHER
MIN
TYP
MAX
VIH
HIGH level input voltage
3.135 to 3.465
VDDQ2 = 2.5V
±5%
2.0
VDD + 0.3
V
VIL
LOW level input voltage
3.135 to 3.465
VDDQ3 = 3.3V
±5%
VSS – 0.3
0.8
V
VOH2
2.5V output HIGH voltage
CPUCLK, IOAPIC
2.375 to 2.625
IOH = –1mA
VDDQ3 = 3.3V
±5%
2.0
–
V
VOL2
2.5V output LOW voltage
CPUCLK, IOAPIC
2.375 to 2.625
IOL = 1mA
–
0.4
V
VOH3
3.3V output HIGH voltage
REF, 48MHz
3.135 to 3.465
IOH = –1mA
2.0
–
V
VOL3
3.3V output LOW voltage
REF, 48MHz
3.135 to 3.465
IOL = 1mA
–
0.4
V
VPOH
PCI output HIGH voltage
3.135 to 3.465
IOH = –1mA
2.4
–
V
VPOL
PCI output LOW voltage
3.135 to 3.465
IOL= 1mA
–
0.55
V
IOH
CPUCLK
2.375
VOUT = 1.0V
–27
–
mA
IOH
output HIGH current
2.625
VOUT = 2.375V
–
–27
mA
IOH
IOAPIC
2.375
VOUT = 1.4V
–36
–
mA
IOH
output HIGH current
2.625
VOUT = 2.5V
–
–21
mA
IOH
48MHz, REF
3.135
VOUT = 1.0V
–29
–
mA
IOH
output HIGH current
3.465
VOUT = 3.135V
–
–23
mA
IOH
PCI
3.135
VOUT = 1.0V
–33
–
mA
IOH
output HIGH current
3.465
VOUT = 3.135V
–
–33
mA
IOL
CPUCLK
2.375
VOUT = 1.2V
27
–
mA
IOL
output LOW current
2.625
VOUT = 0.3V
–
30
mA
IOL
IOAPIC
2.375
VOUT = 1.0V
36
–
mA
IOL
output LOW current
2.625
VOUT = 0.2V
–
31
mA
IOL
48MHz, REF
3.135
VOUT = 1.95V
29
–
mA
IOL
output LOW current
3.465
VOUT = 0.4V
–
27
mA
IOL
PCI
3.135
VOUT = 1.95V
30
–
mA
IOL
output LOW current
3.465
VOUT = 0.4V
–
38
mA
±II
Input leakage current
3.465
–
5
µA
±IOZ
3-State output OFF-State
current
3.465
VOUT =
Vdd or GND
IO = 0
–
10
µA
Cin
Input pin capacitance
5
pF
Cxtal
Xtal pin capacitance, as
seen by external crystal
18
pF
Cout
Output pin capacitance
6
pF
Operating supply current
66MHz mode
Outputs loaded1
170
mA
Idd3
O erating su
ly current
3.465
100MHz mode
Outputs loaded1
170
mA
Powerdown supply current
All static inputs to VDD or GND
500
µA
Operating supply current
66MHz mode
Output loaded1
72
mA
Idd2
O erating su
ly current
2.625
100MHz mode
Output loaded1
100
mA
Powerdown supply current
All static inputs to VDD or GND
100
µA
NOTE:
1. All clock outputs loaded with maximum lump capacitance test load specified in AC characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com