Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2000 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK2000
Description  CK97 66/100MHz System Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK2000 Datasheet HTML 1Page - NXP Semiconductors PCK2000 Datasheet HTML 2Page - NXP Semiconductors PCK2000 Datasheet HTML 3Page - NXP Semiconductors PCK2000 Datasheet HTML 4Page - NXP Semiconductors PCK2000 Datasheet HTML 5Page - NXP Semiconductors PCK2000 Datasheet HTML 6Page - NXP Semiconductors PCK2000 Datasheet HTML 7Page - NXP Semiconductors PCK2000 Datasheet HTML 8Page - NXP Semiconductors PCK2000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
PCK2000
CK97 (66/100MHz) System Clock Generator
1998 Sep 29
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1, 2, 47
REF [0–2]
14.318 MHz clock outputs
3
VSSREF
GROUND for REF outputs
48
VDDREF
POWER for REF outputs
4
XTAL_IN
14.318 MHz crystal input
5
XTAL_OUT
14.318 MHz crystal output
6, 12, 18
VSSPCI [0–2]
GROUND for PCI outputs
7
PCICLK_F
Free-running PCI output
9, 15
VDDPCI [0–1]
POWER for PCI outputs
8, 10, 11, 13, 14, 16, 17
PCICLK [1–7]
PCI clock outputs.
19, 33
VDDCORE [0–1]
Isolated POWER for core
20, 32
VSSCORE [0–1]
Isolated GROUND for core
21
VDD 48MHz
POWER for 48MHz outputs
24
VSS 48MHz
GROUND for 48MHz outputs
22, 23
48MHz [0–1]
48MHz outputs
26, 27
SEL0,1
Logic select pins.
25
SEL100/66
Select pin for enabling 66 MHz or 100MHz. L = 66 MHz
H = 100MHz
29
PWRDWN
Control pin to put device in powerdown state, active low
30
CPUSTOP
Control pin to disable CPU clocks, active low
31
PCISTOP
Control pin to disable PCI clocks, active low
37, 41
VDDCPU [0–1]
POWER for CPU outputs
34, 38
VSSCPU [0–1]
GROUND for CPU outputs
35, 36, 39, 40
CPUCLK [0–3]
CPU clock outputs @2.5V
43
VSSAPIC
GROUND for IOAPIC outputs
46
VDDAPIC
POWER for IOAPIC outputs
44, 45
IOAPIC [0–1]
IOAPIC output @ 2.5V
28, 42
RESERVED
Reserved for future use
NOTES:
1. VDD and VSS names in the above tables reflects a likely internal POWER and GROUND partition to reduce the effects of internal noise on
the performance of the device. In reality, the platform will be configured with the VDDAPIC and VDDCPU pins tied to a 2.5V supply, all
remaining VDD pins tied to a common 3.3V supply and all VSS pins being common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com