Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2000 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2000
Description  CK97 66/100MHz System Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2000 Datasheet HTML 1Page - NXP Semiconductors PCK2000 Datasheet HTML 2Page - NXP Semiconductors PCK2000 Datasheet HTML 3Page - NXP Semiconductors PCK2000 Datasheet HTML 4Page - NXP Semiconductors PCK2000 Datasheet HTML 5Page - NXP Semiconductors PCK2000 Datasheet HTML 6Page - NXP Semiconductors PCK2000 Datasheet HTML 7Page - NXP Semiconductors PCK2000 Datasheet HTML 8Page - NXP Semiconductors PCK2000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
Product specification
PCK2000
CK97 (66/100MHz) System Clock Generator
1998 Sep 29
5
FUNCTION TABLE
SEL 100/66
CPU/PCI RATIO
CPUCLK (0–3)
(MHz)
CPICLK (1–7)
PCICLK_F
(MHz)
REF (0–2)
IOAPIC (0–1)
(MHz)
48MHz (0–1)
0
2
66.66
33.33
14.318
48
1
3
100
33.33
14.318
48
CLOCK ENABLE CONFIGURATION
CPUSTOP
PCISTOP
PWRDWN
CPUCLK
PCICLK
PCICLK_F
OTHER
CLOCKS
PLLs
OSCILLATOR
X
X
0
LOW
LOW
LOW
Stopped
OFF
OFF
0
0
1
LOW
LOW
33MHz
Running
Running
Running
0
1
1
LOW
33MHz
33MHz
Running
Running
Running
1
0
1
100/66MHz
LOW
33MHz
Running
Running
Running
1
1
1
100/66MHz
33MHz
33MHz
Running
Running
Running
POWER MANAGEMENT REQUIREMENTS
LATENCY
SIGNAL
SIGNAL STATE
NO. OF RISING EDGES OF FREE RUNNING
PCICLK
CPUSTOP
0 (DISABLED)
1
1 (ENABLED)
1
PCISTOP
0 (DISABLED)
1
1 (ENABLED)
1
PWRDWN
1 (NORMAL OPERATION)
3ms
0 (POWER DOWN)
2 MAX
NOTES:
1. Clock ON/OFF latency is defined as the number of rising edges of free running PCICLKs between the clock disable goes HIGH/LOW to the
first valid clock that comes out of the device.
2. Power up latency is when PWRDWN goes inactive (HIGH) to when the first valid clocks are driven from the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com