Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2000 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK2000
Description  CK97 66/100MHz System Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK2000 Datasheet HTML 1Page - NXP Semiconductors PCK2000 Datasheet HTML 2Page - NXP Semiconductors PCK2000 Datasheet HTML 3Page - NXP Semiconductors PCK2000 Datasheet HTML 4Page - NXP Semiconductors PCK2000 Datasheet HTML 5Page - NXP Semiconductors PCK2000 Datasheet HTML 6Page - NXP Semiconductors PCK2000 Datasheet HTML 7Page - NXP Semiconductors PCK2000 Datasheet HTML 8Page - NXP Semiconductors PCK2000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
PCK2000
CK97 (66/100MHz) System Clock Generator
1998 Sep 29
4
BLOCK DIAGRAM
PWRDWN
LOGIC
PWRDWN
LOGIC
STOP
LOGIC
STOP
LOGIC
PLL1
PLL2
14.318
MHZ
OSC
PWRDWN
LOGIC
LOGIC
SW00236
X
X
X
X
X
X
X
X
X
X
X
X
X
X
REFCLK [0–2](14.318 MHz)
PWRDWN
PCISTOP
CPUSTOP
SEL0
SEL1
SEL100/66
XTAL_IN
XTAL_OUT
IOAPIC [0–1](14.318 MHz)
48MHz [0–1](48MHz)
CPUCLK [0–3] (100MHz/66MHz)
PCICLK_F (33MHz)
PCICLK [1–7](33MHz)
SELECT FUNCTIONS
SEL100/66
SEL1
SEL0
FUNCTION
NOTES
0
0
0
TRI-State
1
0
0
1
Reserved
0
1
0
Reserved
0
1
1
Active 66MHz
1
0
0
Test mode
1
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Active 100MHz
NOTE:
1. Internal decode logic for all three select inputs implemented.
FUNCTION
OUTPUTS
DESCRIPTION
CPU
PCI, PCI_F
48MHz
REF
IOAPIC
NOTES
3-STATE
HI-Z
HI-Z
HI-Z
HI-Z
HI-Z
TEST MODE
TCLK/2
TCLK/6
TCLK/2
TCLK
TCLK
NOTE:
1. TCLK is a test clock driven in on the XTAL_IN input in Test Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com