Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2000 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK2000
Description  CK97 66/100MHz System Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK2000 Datasheet HTML 4Page - NXP Semiconductors PCK2000 Datasheet HTML 5Page - NXP Semiconductors PCK2000 Datasheet HTML 6Page - NXP Semiconductors PCK2000 Datasheet HTML 7Page - NXP Semiconductors PCK2000 Datasheet HTML 8Page - NXP Semiconductors PCK2000 Datasheet HTML 9Page - NXP Semiconductors PCK2000 Datasheet HTML 10Page - NXP Semiconductors PCK2000 Datasheet HTML 11Page - NXP Semiconductors PCK2000 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
PCK2000
CK97 (66/100MHz) System Clock Generator
1998 Sep 29
8
AC CHARACTERISTICS
VDDREF = VDDPCI (0–1) = VDD48MHz = 3.3V
± 5%; VDDAPIC = VDDCPU (0–1) = 2.5V ± 5%; fcrystal = 14.31818 MHz
CPU CLOCK OUTPUTS, CPU(0–3) (LUMP CAPACITANCE TEST LOAD = 20pF)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
MAX
THKP (tP)
CPUCLK period
2
15.0
15.5
THKH (tH)
CPUCLK HIGH time
66MHz
1, 5
5.2
ns
THKL (tL)
CPUCLK LOW time
1, 5
5.0
THKP (tP)
CPUCLK period
2
10.0
10.5
THKH (tH)
CPUCLK HIGH time
100MHz
1, 5
3.0
ns
THKL (tL)
CPUCLK LOW time
1, 5
2.8
THRISE (tR)
CPUCLK rise time
9
0.4
1.6
ns
THFALL (tF)
CPUCLK fall time
9
0.4
1.6
ns
TJITTER (tJC)
CPUCLK jitter
175
ps
DUTY CYCLE (tD)
Output Duty Cycle
1
45
55
%
THSKW (tSK)
CPU Bus CLK skew
2
175
ps
THSTB (fST)
CPUCLK stabilization from Power-up
7
3
ms
PCI CLOCK OUTPUTS, PCI(0–7) (LUMP CAPACITANCE TEST LOAD = 30pF)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
MAX
TPKP (tP)
PCICLK period
3
30.0
ns
TPKPS
PCICLK period stability
8
500
ps
TPKH (tH)
PCICLK HIGH time
1
12.0
ns
TPKL (tL)
PCICLK LOW time
1
12.0
ns
THRISE (tR)
PCICLK rise time
10
0.5
2.0
ns
THFALL (tF)
PCICLK fall time
10
0.5
2.0
ns
TPSKW (tSK)
PCI Bus CLK skew
2
500
ps
THPOFFSET (tO)
CPUCLK to PCICLK Offset
2, 4
1.5
4.0
ns
TPSTB (fST)
PCICLK stabilization from Power-up
7
3
ms
APIC(0–1) CLOCK OUTPUT (LUMP CAPACITANCE TEST LOAD = 20pF)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
MAX
f
Frequency, Actual
Frequency generated
by Crystal
14.31818
MHz
THRISE (tR)
Output rise edge rate
1
4
ns
THFALL (tF)
Output fall edge rate
1
4
ns
DUTY CYCLE (tD)
Duty Cycle
45
55
%
THSTB (fST)
Frequency stabilization from Power-up (cold start)
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com