Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2000M Datasheet (PDF) - NXP Semiconductors

PCK2000M Datasheet PDF - NXP Semiconductors
Part # PCK2000M
Download  PCK2000M Download
File Size   81.83 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK97 66/100MHz Mobile System Clock Generator

PCK2000M Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK2000M Datasheet PDF - NXP Semiconductors

Part # PCK2000M
Download  PCK2000M Click to download

File Size   81.83 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CK97 66/100MHz Mobile System Clock Generator

PCK2000M Datasheet (HTML) - NXP Semiconductors


PCK2000M Product details

DESCRIPTION
The PCK2000M is a clock synthesizer/driver chip for a Pentium Pro or other similar processors, typically used in mobile applications.

FEATURES
• Reduced pincount version of PCK2000 for mobile applications
• Mixed 2.5V and 3.3V operation
• Two CPU clocks at 2.5V
• Six synchronous PCI clocks at 3.3V, one free–running
• One 3.3V reference clock @ 14.318 MHz
• Reference 14.31818 MHz Xtal oscillator input
• 100 MHz or 66 MHz operation
• Power management control input pins
• 175 ps CPU clock jitter
• 175 ps skew on outputs
• Available in 28–pin SSOP package
• 1.5 – 4ns CPU–PCI delay
• Power down if PWRDWN is held LOW
• See PCK2000 for 48-pin version




Similar Part No. - PCK2000M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2000 PHILIPS-PCK2000 Datasheet
90Kb / 14P
CK97 66/100MHz System Clock Generator
1998 Sep 29
PCK2000DL PHILIPS-PCK2000DL Datasheet
90Kb / 14P
CK97 66/100MHz System Clock Generator
1998 Sep 29
More results


Similar Description - PCK2000M

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
Clock Generator for MPEG2 System
logo
NXP Semiconductors
PCK2000 PHILIPS-PCK2000 Datasheet
90Kb / 14P
CK97 66/100MHz System Clock Generator
1998 Sep 29
PCK2023 PHILIPS-PCK2023 Datasheet
177Kb / 30P
CK408 66/100/133/200 MHz spread spectrum differential system clock generator
2001 Sep 07
logo
Cypress Semiconductor
W48C111-17 CYPRESS-W48C111-17 Datasheet
114Kb / 7P
100-MHz Mobile Motherboard System Clock
November 2, 1999, rev.
logo
Integrated Circuit Syst...
ICS9177 ICST-ICS9177 Datasheet
316Kb / 8P
High Frequency System Clock Generator
RevB060297
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
AMD - K7??Clock Generator for Mobile System
Rev B 01/09/01
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
logo
Cypress Semiconductor
SG556 CYPRESS-SG556 Datasheet
62Kb / 10P
Mobile PentiumR Processor Application Clock Generator
logo
Maxim Integrated Produc...
DS4100H MAXIM-DS4100H Datasheet
128Kb / 6P
100MHz HCSL Clock Generator
Rev 0; 11/07
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com