Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2000M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2000M
Description  CK97 66/100MHz Mobile System Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000M Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2000M Datasheet HTML 1Page - NXP Semiconductors PCK2000M Datasheet HTML 2Page - NXP Semiconductors PCK2000M Datasheet HTML 3Page - NXP Semiconductors PCK2000M Datasheet HTML 4Page - NXP Semiconductors PCK2000M Datasheet HTML 5Page - NXP Semiconductors PCK2000M Datasheet HTML 6Page - NXP Semiconductors PCK2000M Datasheet HTML 7Page - NXP Semiconductors PCK2000M Datasheet HTML 8Page - NXP Semiconductors PCK2000M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
PCK2000M
CK97 (66/100MHz) Mobile System Clock Generator
2
1998 Sep 29
853-2128 20101
FEATURES
• Reduced pincount version of PCK2000 for mobile applications
• Mixed 2.5V and 3.3V operation
• Two CPU clocks at 2.5V
• Six synchronous PCI clocks at 3.3V, one free–running
• One 3.3V reference clock @ 14.318 MHz
• Reference 14.31818 MHz Xtal oscillator input
• 100 MHz or 66 MHz operation
• Power management control input pins
• 175 ps CPU clock jitter
• 175 ps skew on outputs
• Available in 28–pin SSOP package
• 1.5 – 4ns CPU–PCI delay
• Power down if PWRDWN is held LOW
• See PCK2000 for 48-pin version
DESCRIPTION
The PCK2000M is a clock synthesizer/driver chip for a Pentium Pro
or other similar processors, typically used in mobile applications.
The PCK2000M has two CPU clock outputs at 2.5V. There are six
PCI clock outputs running at 33 MHz. One of the PCI clock outputs
is free–running. The 3.3V reference clock outputs at 14.318 MHz.
All clock outputs meet Intel’s drive strength, rise/fall time, jitter,
accuracy, and skew requirements.
The part possesses dedicated powerdown, CPUSTOP, and
PCISTOP input pins for power management control. These inputs
are synchronized on–chip and ensure glitch–free output transitions.
When the CPUSTOP input is asserted, the CPU clock outputs are
driven LOW. When the PCISTOP inputs is asserted, the PCI clock
outputs are driven LOW.
Finally, when the PWRDWN input pin is asserted, the internal
reference oscillator and PLLs are shut down, and all outputs are
driven LOW, except the free running PCICLK_F clock output.
The PCK2000M is available in a 28–pin SSOP package.
PIN CONFIGURATION
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
VSSPCI0
PCICLK_F
PCICLK1
VDDPCI0
PCICLK2
PCICLK3
VDDPCI1
PCICLK4
PCICLK5
CPUSTOP
VSSPCI1
PCISTOP
VSSCORE1
VDDCORE1
VSSCPU
CPUCLK1
CPUCLK0
VDDCPU
REF
PWRDWN
13
16
VDDCORE0
SEL
14
15
VSSCORE0
SEL100/66
TOP VIEW
1
227
28
XTAL IN
XTAL OUT
VDDREF
VSSREF
SA00448
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DRAWING NUMBER
28-Pin Plastic SSOP
0
°C to +70°C
PCK2000M DB
PCK2000M DB
SOT341-1
Intel and Pentium are registered trademarks of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com