Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2000M Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK2000M
Description  CK97 66/100MHz Mobile System Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000M Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK2000M Datasheet HTML 4Page - NXP Semiconductors PCK2000M Datasheet HTML 5Page - NXP Semiconductors PCK2000M Datasheet HTML 6Page - NXP Semiconductors PCK2000M Datasheet HTML 7Page - NXP Semiconductors PCK2000M Datasheet HTML 8Page - NXP Semiconductors PCK2000M Datasheet HTML 9Page - NXP Semiconductors PCK2000M Datasheet HTML 10Page - NXP Semiconductors PCK2000M Datasheet HTML 11Page - NXP Semiconductors PCK2000M Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
PCK2000M
CK97 (66/100MHz) Mobile System Clock Generator
1998 Sep 29
8
ALL CLOCK OUTPUTS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
MAX
TPZL, TPZH
Output enable time
1.0
8.0
ns
TPLZ, TPHZ
Output disable time
1.0
8.0
ns
NOTES:
1. See Figure 3 for measure points.
2. Period, jitter, offset, and skew are measured on the rising edge @ 1.25V for 2.5V clocks and @ 1.5V for 3.3V clocks.
3. The PCICLK is the CPUCLK divided by two at CPUCLK = 66.6MHz. PCICLK is the CPUCLK divided by three at CPUCLK = 100MHz.
4. The CPUCLK must always lead the PCICLK as shown in Figure 2.
5. THKH is measured @ 2.0V as shown in Figure 4.
6. THKL is measured @ 0.4V as shown in Figure 4.
7. The time is specified from when VDDQ achieves its nominal operating level (typical condition is VDDQ = 3.3V) until the frequency output is
stable and operating within specification.
8. Defined as once the clock is at its nominal operating frequency, the adjacent period changes cannot exceed the time specified.
9. THRISE and THFALL are measured as a transition through the threshold region VOL = 0.4V and VOH = 2.0V (1mA) JEDEC specification.
10. THRISE and THFALL (REF, PCI) are measured as a transition through the threshold region VOL = 0.4V and VOH = 2.4V
AC WAVEFORMS
VM = 1.25V @ VDDQ2 and 1.5V @ VDDQ3
VX = VOL + 0.3V
VY = VOH –0.3V
VOL and VOH are the typical output voltage drop that occur with the
output load.
CPUCLK
1.25V
SW00240
1.25V
CPUCLK
VDDQ2
VSS
VDDQ2
VSS
THSKW
Figure 1. CPUCLK to CPUCLK skew
CPUCLK
1.5V
1.25V
PCICLK
VDDQ2
VSS
VDDQ3
VSS
THPOFFSET
SW00241
Figure 2. CPUCLK to PCICLK offset
SW00242
THKP
DUTY CYCLE
THKH
TRISE
TFALL
THKL
TPKP
TPKH
TRISE
TFALL
TPKL
2.5V CLOCKING
INTERFACE
3.3V CLOCKING
INTERFACE
(TTL)
2.0
1.25
0.4
2.4
1.5
0.4
Figure 3. 2.5V/3.3V Clock waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com