Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP2AB Datasheet (PDF) - ML Accessories Limited. All rights reserved.

Part # CSP2AB
Description  230V GU10 Triple Spotlight - Antique Brass
File Size   269.06 Kbytes
Html View  1 
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CSP2AB Datasheet (PDF) - ML Accessories Limited. All rights reserved.



Similar Part No. - CSP2AB

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CSP20C04 CET-CSP20C04 Datasheet
287Kb / 2P
20 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
CSP20L50S-A CITC-CSP20L50S-A Datasheet
465Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP20S50S-A CITC-CSP20S50S-A Datasheet
465Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP20S60S-A CITC-CSP20S60S-A Datasheet
465Kb / 3P
20A Surface Mount Low Barrier Diode
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
More results


Similar Description - CSP2AB

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
TTA1943 NELLSEMI-TTA1943 Datasheet
256Kb / 3P
Silicon PNP triple diffusion planar transistor -15A/-230V/150W
TTC5200 NELLSEMI-TTC5200 Datasheet
256Kb / 3P
Silicon NPN triple diffusion planar transistor 15A/230V/150W
logo
BetLux Electronics
TLL-GU10-061 BETLUX-TLL-GU10-061 Datasheet
36Kb / 1P
Spot Lamp Series GU10
REV NO: V. 1
TLL-GU10F1W-061 BETLUX-TLL-GU10F1W-061 Datasheet
37Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
TLL-GU10F3W-061 BETLUX-TLL-GU10F3W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com