Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP2AB Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # CSP2AB
Description  230V GU10 Triple Spotlight - Antique Brass
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CSP2AB Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  CSP2AB Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
CSP2AB
DESCRIPTION
230V GU10 Triple Spotlight - Antique Brass
NET WEIGHT (KG)
0.52
FINISH
Antique Brass
DIMENSIONS (MM)
Diameter - 54
Projection - 125
Base Diameter - 150
Base Height - 25
TILT (DEGREES)
90
ROTATION (DEGREES)
350
CONSTRUCTION
Construction - Pressed steel
CLASS
I
IP RATING
IP20
MAX. WATTAGE (W)
50
LAMP TECHNOLOGY
Halogen / LED Compatible
LAMP BASE
GU10
LAMP INCLUDED
No
LED COMPATIBLE
Yes
DIMMABLE
Lamp dependent
INPUT VOLTAGE
230V 50Hz
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270818321
Date Created: 29/04/2024 01:42
www.mlaccessories.co.uk
CSP2AB
230V GU10 Triple Spotlight - Antique Brass


Similar Part No. - CSP2AB

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CSP20C04 CET-CSP20C04 Datasheet
287Kb / 2P
20 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
CSP20L50S-A CITC-CSP20L50S-A Datasheet
465Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP20S50S-A CITC-CSP20S50S-A Datasheet
465Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP20S60S-A CITC-CSP20S60S-A Datasheet
465Kb / 3P
20A Surface Mount Low Barrier Diode
logo
Renesas Technology Corp
CSP2510C RENESAS-CSP2510C Datasheet
262Kb / 10P
3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
NOVEMBER 2008
More results

Similar Description - CSP2AB

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
TTA1943 NELLSEMI-TTA1943 Datasheet
256Kb / 3P
Silicon PNP triple diffusion planar transistor -15A/-230V/150W
TTC5200 NELLSEMI-TTC5200 Datasheet
256Kb / 3P
Silicon NPN triple diffusion planar transistor 15A/230V/150W
logo
BetLux Electronics
TLL-GU10-061 BETLUX-TLL-GU10-061 Datasheet
36Kb / 1P
Spot Lamp Series GU10
REV NO: V. 1
TLL-GU10F1W-061 BETLUX-TLL-GU10F1W-061 Datasheet
37Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
TLL-GU10F3W-061 BETLUX-TLL-GU10F3W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, GU10 base
REV NO: V. 1
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com