Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTH4L040N120SC1 Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # NTH4L040N120SC1
Description  SiC N-Channel MOSFET
File Size   361.02 Kbytes
Html View  1   2   3 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

NTH4L040N120SC1 Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - NTH4L040N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH4L040N120SC1 ONSEMI-NTH4L040N120SC1 Datasheet
282Kb / 8P
MOSFET ??SiC Power, Single N-Channel, TO247-4L 1200 V, 40 m, 58 A
April, 2020 ??Rev. 1
NTH4L040N120SC1 ONSEMI-NTH4L040N120SC1 Datasheet
360Kb / 8P
Silicon Carbide (SiC) MOSFET – 40 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 3
NTH4L040N120SC1 ONSEMI-NTH4L040N120SC1 Datasheet
361Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 40mohm, 1200V, M1, TO-247-4L
January, 2023 - Rev. 4
NTH4L040N120SC1 ONSEMI-NTH4L040N120SC1_V01 Datasheet
360Kb / 8P
Silicon Carbide (SiC) MOSFET – 40 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 3
NTH4L040N120SC1 ONSEMI-NTH4L040N120SC1_V02 Datasheet
361Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 40mohm, 1200V, M1, TO-247-4L
January, 2023 - Rev. 4
More results


Similar Description - NTH4L040N120SC1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF8001 ISC-ISCF8001 Datasheet
751Kb / 5P
SiC N-Channel MOSFET
2023-8-18
GA50JT12 ISC-GA50JT12 Datasheet
375Kb / 3P
SiC N-Channel MOSFET
2023-9-26
ISF1017 ISC-ISF1017 Datasheet
786Kb / 7P
SiC N-Channel MOSFET
ISCF8011 ISC-ISCF8011 Datasheet
874Kb / 8P
SiC N-Channel MOSFET
C3M0065100J ISC-C3M0065100J Datasheet
399Kb / 4P
SiC N-Channel MOSFET
SCT070W120G3AG ISC-SCT070W120G3AG Datasheet
1,021Kb / 7P
SiC N-Channel MOSFET
SCT20N170AG ISC-SCT20N170AG Datasheet
357Kb / 2P
SiC N-Channel MOSFET
C3M0075120K ISC-C3M0075120K Datasheet
374Kb / 4P
SiC N-Channel MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com