Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DER-113 Datasheet (PDF) - Power Integrations, Inc.

Part # DER-113
Description  5 W, 5 V Charger using TNY274P
File Size   565.69 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-113 Datasheet (PDF) - Power Integrations, Inc.



Similar Part No. - DER-113

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-110 POWERINT-DER-110 Datasheet
624Kb / 23P
7.3 W Dual Output Non-Isolated Power Supply using TNY266P
DER-111 POWERINT-DER-111 Datasheet
672Kb / 23P
3.15W Adapter with < 100 mW standby using LNK500P
DER-112 POWERINT-DER-112 Datasheet
339Kb / 17P
20 W and 30 W Boost Converters with Constant Current Output using DPA423G and DPA424G
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
21 W Standby Power Supply using TNY280P
More results


Similar Description - DER-113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Power Integrations, Inc...
DER-62 POWERINT-DER-62 Datasheet
910Kb / 24P
3.0 W Charger using LNK363P
DI-34 POWERINT-DI-34 Datasheet
62Kb / 2P
5 W Universal Adapter
logo
Acutechnology Semicondu...
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
Battery Charger Controller SOT23-5 and SC70-5 Package
Revision 1.8 April 1, 2006
logo
STMicroelectronics
TDA7266SAN STMICROELECTRONICS-TDA7266SAN Datasheet
679Kb / 15P
5 W 5 W dual bridge amplifier
31-Aug-2012
logo
Analog Devices
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
logo
CUI INC
SWI5-E-USB CUI-SWI5-E-USB Datasheet
748Kb / 4P
5 W power
logo
PHOENIX CONTACT
2700142 PHOENIX-2700142 Datasheet
43Kb / 2P
Bulb, 5 W, 24 V, BA15d base
logo
Cree, Inc
CMPA0527005F CREE-CMPA0527005F Datasheet
1,011Kb / 12P
5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CMPA0527005F WOLFSPEED-CMPA0527005F Datasheet
1Mb / 12P
5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-26
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com